Part Number Hot Search : 
AK4675EG 1N4754 K1492 K1492 TD623 SMS15P1 MN14142 KK4006BN
Product Description
Full Text Search
 

To Download STPS140Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STPS140Z
POWER SCHOTTKY RECTIFIER
MAIN PRODUCT CHARACTERISTICS IF VRRM VF (max) Tj (max) FEATURES AND BENEFITS VERY SMALL CONDUCTION LOSSES NEGLIGIBLE SWITCHING LOSSES EXTREMELY FAST SWITCHING DESCRIPTION Single Schottky rectifier suited for Switchmode Power Supplies and high frequency DC to DC converters. Packaged in SOD123, this device is intended for use in low voltage, high frequency inverters, free wheeling and polarity protection applications. Due to the small size of the package this device fit GSM and PCMCIA requirements. ABSOLUTE RATINGS (limiting values) Symbol VRRM IF IFSM IRRM IRSM Tstg Tj TL dV/dt Parameter Repetitive peak reverse voltage Continuous forward current Surge non repetitive forward current Repetitive peak reverse current Non repetitive peak reverse current Storage temperature range Maximum operating junction temperature * Maximum temperature for soldering during 10s Critical rate of rise of reverse voltage Tamb = 60 C tp = 10 ms Sinusoidal tp = 2 s square F = 1kHz tp = 100s square Value 40 1 5.5 0.5 1 - 65 to + 150 150 260 10000 C V/s Unit V A A A A C 1A 40 V 0.49 V 150C
SOD123
*
dPtot 1 < dTj Rth(j-a)
Thermal runaway condition for a diode on its own heatsink.
May 1999 - Ed: 1
1/5
STPS140Z
THERMAL RESISTANCES Symbol Rth (j-a) Junction to ambient * Parameter Value 175 Unit C/W
2 * with 50 mm copper area (e=35m)
STATIC ELECTRICAL CHARACTERISTICS Symbol IR * Tests Conditions Reverse leakage current Tests Conditions Tj = 25C Tj = 25C Tj = 100C VF ** Forward voltage drop Tj = 25C Tj = 100C
Pulse test : * tp = 5 ms, < 2 % ** tp = 380 s, < 2%
Min.
Typ.
Max. 10 40
Unit A A mA V
VR = 5V VR = 40V 1.5 IF = 1 A 0.45
5 0.55 0.51
To evaluate the maximum conduction losses use the following equation : P = 0.2 x IF(AV) + 0.3 x IF2(RMS) at Tj = 150C
Fig. 1: Average forward power dissipation versus average forward current.
PF(av)(W) 0.6 0.5 0.4 0.3 0.2 0.1 IF(av) (A) tp =tp/T 0.0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
T = 0.05 = 0.1 = 0.2 = 0.5
Fig. 2: Average forward current versus ambient temperature (=1).
IF(av)(A) 1.2 1.0
=1
0.8 0.6 0.4 0.2 0.0
=tp/T
tp T
Tamb(C) 50 75 100 125 150
0
25
2/5
STPS140Z
Fig. 3: Non repetive surge peak forward current versus overloadduration(maximum values). Fig. 4: Relativevariationofthermalimpedancejunction to ambient versus pulse duration (epoxy printed circuit boardFR4with recommendedpad layout).
IM(A) 5 4 3 2 1 0 1E-3
IM
Zth(j-a)/Rth(j-a) 1E+0
= 0.5
Ta=25C
= 0.2
1E-1
Ta=60C
= 0.1
T
Single pulse
t
=0.5
t(s) 1E-2 1E-1 1E+0
tp(s) 1E-2 1E-2 1E-1 1E+0
=tp/T
tp
1E+1
5E+1
Fig. 5: Reverse leakage current versus reverse voltage applied (typical value).
IR(mA) 5E+1 1E+1 1E+0 1E-1 1E-2 1E-3 1E-4 0 5
Tj=25C Tj=150C
Fig. 6: Reverse leakage current versus junction temperature (typical value).
IR[Tj] / IR[Tj=25C] 5E+3
VR=40V
1E+3 1E+2
Tj=100C
Tj=70C
1E+1 1E+0
VR(V) 10 15 20 25 30 35 40
Tj(C) 1E-1 0 25 50 75 100 125 150
Fig. 7: Junction capacitance versus reverse voltage applied (typical value).
C(pF) 200
F=1MHz Tj=25C
100 50
20 VR(V) 10 1 2 5 10 20 50
3/5
STPS140Z
Fig. 8-1: Forward voltage drop versus forward current (high level, maximum values).
IFM(A) 5E+0 1E+0
Tj=150C Tj=25C
Fig. 8-2: Forward voltage drop versus forward current (low level, maximum values).
IFM(A) 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.0
Tj=25C Tj=150C Tj=100C
1E-1
Tj=100C
VFM(V) 1E-2 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
VFM(V) 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
Fig. 9: Thermal resistance junction to ambient versus copper surface (epoxy printed circuit board FR4, copper thickness: 35m).
Rth(j-a) (C/W) 300 280 260 240 220 200 180 160 140 120 100
IF=1A
S(Cu) (mm ) 0 10 20 30 40 50 60 70 80 90 100
4/5
STPS140Z
PACKAGE MECHANICAL DATA SOD123 Plastic DIMENSIONS REF.
H b E A2 A1
Millimeters Min. Max. 1.45 0 0.85 0.1 1.35 0
Inches Min. Max. 0.057 0.004 0.053 0.033
A A1 A2 b c D E G
D c
A
0.55 Typ. 0.15 Typ. 2.55 1.4 0.25 3.55 3.95 2.85 1.7
0.022 Typ. 0.039 Typ. 0.1 0.055 0.01 0.14 0.156 0.112 0.067
G
H
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com 5/5


▲Up To Search▲   

 
Price & Availability of STPS140Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X